Part Number Hot Search : 
2SD866AP 74ACT151 72F521 RN1501 AD975 MM3005 135N03 2L64164A
Product Description
Full Text Search
 

To Download SHF1104SMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet features: ? hyper fast recovery: 40 nsec maximum ? piv to 900 volts, consult factory ? hermetically sealed ? void free construction ? for high efficiency applications ? replaces ues 1104, ues1106, in6624 ? tx, txv, s level screening available shf1104 & SHF1104SMS thru shf1109 & shf1109sms 1 amp 400 - 900 v hyper fast rectifier axial lead diode sms maximum ratings symbol value units peak repetitive reverse and dc blocking voltage shf1104 shf1106 shf1108 shf1109 v rrm v rsm v r 400 600 800 900 volts average rectified forward current (resistive load, 60 hz sine wave, t a = 25 c ) io 1.0 amps peak surge current (8.3 ms pulse, half sine wave, t a = 25 c ) i fsm 20 amps operating & storage temperature t op & t stg -65 to +175 oc maximum thermal resistance junction to leads, l = 3/8 junction to tabs r je 35 28 oc/w note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rh0111e doc
solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com shf1104 & SHF1104SMS thru shf1109 & shf1109sms electrical characteristic symbol max units instantaneous forward voltage drop (i f = 1a dc , t a = 25oc pulsed) v f 1.35 v dc instantaneous forward voltage drop (i f = 1a dc , t a = -55oc pulsed) v f 1.5 v dc reverse leakage current (rated v r , t a = 25oc pulsed) i r 10 a reverse leakage current (rated v r , t a = 100oc pulsed) i r 1 ma reverse recovery time ( i f = 500ma, i r = 1a, i rr = 250ma, t a = 25oc) t rr 40 nsec junction capacitance (v r =10v dc , t a =25oc, f=1mhz) c j 22 pf case outline: (axial) b ?c ?a d d dim min max a 0.100? 0.130? b 0.130? 0.180? c 0.027? 0.033? d 1.00? -- case outline: (sms) c b a a d dim min max a 0.127? 0.140? b 0.180? 0.230? c 0.020? 0.030? d 0.002? --


▲Up To Search▲   

 
Price & Availability of SHF1104SMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X